Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 332 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 332 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 328Page - Renesas Technology Corp H8S/20203 Datasheet HTML 329Page - Renesas Technology Corp H8S/20203 Datasheet HTML 330Page - Renesas Technology Corp H8S/20203 Datasheet HTML 331Page - Renesas Technology Corp H8S/20203 Datasheet HTML 332Page - Renesas Technology Corp H8S/20203 Datasheet HTML 333Page - Renesas Technology Corp H8S/20203 Datasheet HTML 334Page - Renesas Technology Corp H8S/20203 Datasheet HTML 335Page - Renesas Technology Corp H8S/20203 Datasheet HTML 336Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 306 of 962
REJ09B0465-0100
10.7.3
Port Data Register 9 (PDR9)
b7
PDR97
0
b6
PDR96
0
b5
PDR95
0
b4
PDR94
0
b3
PDR93
0
b2
PDR92
0
b1
PDR91
0
b0
PDR90
0
H'FFFFE8
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR97
Port 97 data
R/W
6
PDR96
Port 96 data
R/W
5
PDR95
Port 95 data
R/W
4
PDR94
Port 94 data
R/W
3
PDR93
Port 93 data
R/W
2
PDR92
Port 92 data
R/W
1
PDR91
Port 91 data
R/W
0
PDR90
Port 90 data
0: Low level
1: High level
PDR9 is a register that stores output data for port 9
pins. When PCR9 bits are set to 1, the values
stored in PDR9 are output.
When PDR9 is read while PCR9 bits are set to 1,
the values stored in PDR9 are read. If PDR9 is read
while PCR9 bits are cleared to 0, the pin states are
read regardless of the value stored in PDR9.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com