| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 17 Page - Renesas Technology Corp |
|
17 / 992 page ![]() Rev. 1.00 Oct. 03, 2008 Page xvii of xxvi 13.3.1 Operations Common to Various Modes............................................................ 407 13.3.2 Timer Mode ...................................................................................................... 408 13.3.3 Pulse Output Mode ........................................................................................... 408 13.3.4 Event Counter Mode ......................................................................................... 409 13.3.5 Pulse Width Measurement Mode...................................................................... 409 13.3.6 Pulse Cycle Measurement Mode....................................................................... 411 13.3.7 Operation through an Event Link...................................................................... 412 13.4 Usage Notes ...................................................................................................................... 414 Section 14 Timer RB .........................................................................................415 14.1 Overview........................................................................................................................... 415 14.2 Register Descriptions ........................................................................................................ 416 14.2.1 Timer RB Control Register (TRBCR) .............................................................. 417 14.2.2 Timer RB One-Shot Control Register (TRBOCR) ........................................... 418 14.2.3 Timer RB I/O Control Register (TRBIOC) ...................................................... 419 14.2.4 Timer RB Mode Register (TRBMR) ................................................................ 421 14.2.5 Timer RB Interrupt Enable Status Register (TRBIR) ....................................... 422 14.2.6 Timer RB Prescaler Register (TRBPRE).......................................................... 423 14.2.7 Timer RB Secondary Register (TRBSC) .......................................................... 423 14.2.8 Timer RB Primary Register (TRBPR) .............................................................. 424 14.3 Operation .......................................................................................................................... 425 14.3.1 Timer Mode ...................................................................................................... 425 14.3.2 Programmable Waveform Generation Mode .................................................... 426 14.3.3 Programmable One-Shot Generation Mode...................................................... 428 14.3.4 Programmable Wait One-Shot Generation Mode ............................................. 430 14.3.5 Timing at Which Values Take Effect in Prescaler or Counter Depending on TWRC Bit ......................................................................................................... 432 14.3.6 TOCNT Settings and Pin State Update Conditions .......................................... 434 14.3.7 Operation through an Event Link...................................................................... 435 14.4 Interrupt Request...............................................................................................................435 14.5 Usage Notes ...................................................................................................................... 436 Section 15 Timer RC .........................................................................................437 15.1 Features............................................................................................................................. 437 15.2 Register Descriptions ........................................................................................................ 440 15.2.1 Timer RC Mode Register (TRCMR) ................................................................ 441 15.2.2 Timer RC Control Register 1 (TRCCR1) ......................................................... 442 15.2.3 Timer RC Control Register 2 (TRCCR2) ......................................................... 444 15.2.4 Timer RC Interrupt Enable Register (TRCIER) ............................................... 445 15.2.5 Timer RC Status Register (TRCSR) ................................................................. 446 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |