Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 44 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 40Page - Renesas Technology Corp H8S/20203 Datasheet HTML 41Page - Renesas Technology Corp H8S/20203 Datasheet HTML 42Page - Renesas Technology Corp H8S/20203 Datasheet HTML 43Page - Renesas Technology Corp H8S/20203 Datasheet HTML 44Page - Renesas Technology Corp H8S/20203 Datasheet HTML 45Page - Renesas Technology Corp H8S/20203 Datasheet HTML 46Page - Renesas Technology Corp H8S/20203 Datasheet HTML 47Page - Renesas Technology Corp H8S/20203 Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 18 of 962
REJ09B0465-0100
Pin No.
Classification
Symbol
H8S/20103
Group
H8S/20203 and
H8S/20223
Groups
I/O
Description
TXD
TXD_2
TXD_3
46
50
13
54
39
17
Output Output pins for data
transmission.
Serial
communication
interface 3
(SCI3)
RXD
RXD_2
RXD_3
45
49
14
53
40
18
Input
Input pins for data
reception.
SCK3
SCK3_2
SCK3_3
44
48
15
52
41
19
I/O
Input/output pins for clock
signals.
I
2C bus
interface 2
(IIC2)
SDA
26
30
I/O
Input/output pin for I
2C
data. Bus can be directly
driven by the NMOS
open-drain output. When
this pin is used, an
external pull-up resistor is
required.
SCL
27
29
I/O
Input/output pin for I
2C
clock signal. Bus can be
directly driven by the
NMOS open-drain output.
When this pin is used, an
external pull-up resistor is
required.
SCS
26
30
I/O
Input/output pin for the
chip select signal.
SSCK
25
31
I/O
Input/output pin for the
clock signal.
Synchronous
serial
communication
unit (SSU)
SSI
27
29
I/O
Input/output pin for data
transmission/reception.
SSO
24
32
I/O
Input/output pin for data
transmission/reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com