Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 45 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 41Page - Renesas Technology Corp H8S/20203 Datasheet HTML 42Page - Renesas Technology Corp H8S/20203 Datasheet HTML 43Page - Renesas Technology Corp H8S/20203 Datasheet HTML 44Page - Renesas Technology Corp H8S/20203 Datasheet HTML 45Page - Renesas Technology Corp H8S/20203 Datasheet HTML 46Page - Renesas Technology Corp H8S/20203 Datasheet HTML 47Page - Renesas Technology Corp H8S/20203 Datasheet HTML 48Page - Renesas Technology Corp H8S/20203 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 19 of 962
REJ09B0465-0100
Pin No.
Classification Symbol
H8S/20103
Group
H8S/20203 and
H8S/20223
Groups
I/O
Description
AD
converter_1
AN11 to AN0*
6
2, 1, 64,
63, 59 to
62
73 to 70, 2, 1
80 to 75
Input
Analog input pins.
ADTRG1
*
7
*
7
Input
Input pin for the
conversion-start trigger
signal.
AD
converter_2*
8
AN3_2 to
AN0_2
69 to 66
Input
Analog input pins.
ADTRG2
*
7
Input
Input pin for the
conversion-start trigger
signal.
DA converter
DA1
DA0
2
1
2
1
Output Analog output pins.
I/O ports
P17 to P10*
9
23 to 21,
54 to 52
28 to 25, 57, 56,
38, 37
I/O
8-bit input/output port pins.
P27 to P20
50, 49, 51,
48 to 44
39 to 41, 51, 55
to 52
I/O
8-bit input/output port pins.
P37 to P30
20 to 13
17 to 24
I/O
8-bit input/output port pins.
P57 to P50
31 to 28
24 to 27
29 to 36
I/O
8-bit input/output port pins.
P67 to P60
36, 34 to
32, 37 to
40
49 to 42
I/O
8-bit input/output port pins.
P87 to P85
41 to 43
14 to 16
I/O
3-bit input/output port pins.
P97 to P90*
10
61 to 58
65 to 62
I/O
8-bit input/output port pins.
PA7 to PA0*
11
58 to 55
69 to 66
73 to 70
I/O
8-bit input/output port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com