Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 62 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 58Page - Renesas Technology Corp H8S/20203 Datasheet HTML 59Page - Renesas Technology Corp H8S/20203 Datasheet HTML 60Page - Renesas Technology Corp H8S/20203 Datasheet HTML 61Page - Renesas Technology Corp H8S/20203 Datasheet HTML 62Page - Renesas Technology Corp H8S/20203 Datasheet HTML 63Page - Renesas Technology Corp H8S/20203 Datasheet HTML 64Page - Renesas Technology Corp H8S/20203 Datasheet HTML 65Page - Renesas Technology Corp H8S/20203 Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 36 of 962
REJ09B0465-0100
• U (user bit)
This bit can be written to and read from by software using the LDC, STC, ANDC, ORC, and
XORC instructions.
• N (negative bit)
This bit stores the value of the most significant bit of data as a sign bit.
• C (carry flag)
This flag is set to 1 when a carry occurs, and cleared to 0 otherwise. Used by:
 Add instructions, to indicate a carry
 Subtract instructions, to indicate a borrow
 Shift and rotate instructions, to indicate a carry
The carry flag is also used as a bit accumulator by bit manipulation instructions.
2.4.5
Initial Register Values
Reset exception handling loads the CPU's program counter (PC) from the vector table, clears the
trace (T) bit in EXR to 0, and sets the interrupt mask (I) bits in CCR and EXR to 1. The other
CCR bits and the general registers are not initialized. Note that the stack pointer (ER7) is
undefined. The stack pointer should therefore be initialized by an MOV.L instruction executed
immediately after a reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com