Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 40 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 36Page - Renesas Technology Corp H8S/20203 Datasheet HTML 37Page - Renesas Technology Corp H8S/20203 Datasheet HTML 38Page - Renesas Technology Corp H8S/20203 Datasheet HTML 39Page - Renesas Technology Corp H8S/20203 Datasheet HTML 40Page - Renesas Technology Corp H8S/20203 Datasheet HTML 41Page - Renesas Technology Corp H8S/20203 Datasheet HTML 42Page - Renesas Technology Corp H8S/20203 Datasheet HTML 43Page - Renesas Technology Corp H8S/20203 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 14 of 962
REJ09B0465-0100
1.4.1
Pin Functions
Table 1.3
Pin Functions
Pin No.
Classification Symbol
H8S/20103
Group
H8S/20203 and
H8S/20223
Groups
I/O
Description
Power supply
V
CC
12
12
Input
Power supply pin.
Connect this pin to the
system power supply.
V
SS
9
9, 50
Input
Ground pin. Connect this
pin to the system power
supply (0 V).
AV
CC
3
3
Input
Analog power supply pin
for A/D and D/A
converters. When A/D
and D/A converters are
not used, connect this pin
to the system power
supply.
AV
SS
6
74
Input
Analog ground pin for A/D
and D/A converters.
Connect this pin to the
system power supply (0
V).
Clock
OSC1
11
11
Input
OSC2/CLKOUT 10
10
Output
Pins to be connected to a
crystal or ceramic
resonator for the system
clock. An external clock
can also be input to
OSC1. When the on-chip
oscillator is not used, the
system clock signal can
be output from OSC2. For
connection examples, see
section 5, Clock Pulse
Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com