Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 30 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 26Page - Renesas Technology Corp H8S/20203 Datasheet HTML 27Page - Renesas Technology Corp H8S/20203 Datasheet HTML 28Page - Renesas Technology Corp H8S/20203 Datasheet HTML 29Page - Renesas Technology Corp H8S/20203 Datasheet HTML 30Page - Renesas Technology Corp H8S/20203 Datasheet HTML 31Page - Renesas Technology Corp H8S/20203 Datasheet HTML 32Page - Renesas Technology Corp H8S/20203 Datasheet HTML 33Page - Renesas Technology Corp H8S/20203 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 4 of 962
REJ09B0465-0100
Classification
Module/
Function
Description
Serial interfaces I
2C bus
interface 2
(IIC2)
• One channel (SSU and selection format)
• Continuous transmission and reception possible
• Two transmission/reception formats
 I2C bus format: generates start and stop conditions in
master mode automatically, acknowledge bit, master or
slave operation
 Clock-synchronous serial format: no acknowledge bit,
master operation only
Hardware
LIN interface
One channel (timer RA and SCI3 used)
Event link controller (ELC)
Events (interrupts) generated by peripheral modules can be
interconnected between modules, enabling cooperation between
the modules without CPU intervention.
I/O ports
• I/O pins
 55 (H8S/20103 group)
 69 (H8S/20203 and H8S/20223 groups)
• Pull-up resistors settable for all ports
• LED driving capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com