| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 12 Page - Renesas Technology Corp |
|
12 / 992 page ![]() Rev. 1.00 Oct. 03, 2008 Page xii of xxvi 5.5.2 Connecting Ceramic Resonator ........................................................................ 143 5.5.3 External Clock Input Method............................................................................ 143 5.6 Subclock Generator .......................................................................................................... 144 5.6.1 Connecting 32.768-kHz Crystal Resonator ...................................................... 144 5.6.2 Pin Connection when not Using Subclock........................................................ 144 5.7 Prescaler............................................................................................................................ 145 5.8 Usage Notes ...................................................................................................................... 146 5.8.1 Note on Resonators........................................................................................... 146 5.8.2 Notes on Board Design ..................................................................................... 146 Section 6 Power-Down Modes.......................................................................... 147 6.1 Register Descriptions........................................................................................................ 148 6.1.1 Power-Down Control Registers 1, 2, and 3 (LPCR1, LPCR2, LPCR3) ........... 148 6.1.2 Module Standby Control Register 1 (MSTCR1) .............................................. 148 6.1.3 Module Standby Control Register 2 (MSTCR2) .............................................. 150 6.1.4 Module Standby Control Register 3 (MSTCR3) .............................................. 151 6.2 Mode Transitions and States of LSI.................................................................................. 153 6.2.1 Active Mode ..................................................................................................... 155 6.2.2 Sleep Mode ....................................................................................................... 155 6.2.3 Standby Mode................................................................................................... 156 6.3 Bus Master Clock Division Function................................................................................ 156 6.3.1 Reset States....................................................................................................... 156 6.4 Module Standby Function................................................................................................. 157 6.5 PSC Divider Stop Function............................................................................................... 157 Section 7 ROM .................................................................................................. 159 7.1 Overview .......................................................................................................................... 159 7.2 Block Configuration ......................................................................................................... 160 7.3 CPU Reprogramming Mode ............................................................................................. 163 7.3.1 EW0 Mode........................................................................................................ 165 7.3.2 EW1 Mode........................................................................................................ 165 7.4 Register Descriptions........................................................................................................ 166 7.4.1 Flash Memory Control Register 1 (FLMCR1).................................................. 166 7.4.2 Flash Memory Control Register 2 (FLMCR2).................................................. 168 7.4.3 Flash Memory Data Flash Protect Register (DFPR)......................................... 170 7.4.4 Flash Memory Status Register (FLMSTR) ....................................................... 171 7.5 On-Board Programming ................................................................................................... 174 7.5.1 Boot Mode ........................................................................................................ 174 7.5.2 Specifications of Standard Serial Communication Interface in Boot Mode ..... 180 7.5.3 Programming/Erasing in User Mode ................................................................ 207 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |