| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 22 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 22 Page - Renesas Technology Corp |
|
22 / 992 page ![]() Rev. 1.00 Oct. 03, 2008 Page xxii of xxvi 20.9.1 Break Detection and Processing ....................................................................... 725 20.9.2 Mark State and Break Sending ......................................................................... 725 20.9.3 Receive Error Flags and Transmit Operations (Clocked Synchronous Mode Only) ................................................................. 725 20.9.4 Receive Data Sampling Timing and Reception Margin in Asynchronous Mode ......................................................................................... 726 20.9.5 Relation between Writes to TDR and TDRE Flag............................................ 727 20.9.6 Restrictions on Using DTC............................................................................... 727 Section 21 I 2C Bus Interface 2 (IIC2)................................................................729 21.1 Features............................................................................................................................. 729 21.2 Register Descriptions........................................................................................................ 732 21.2.1 IIC2/SSU Select Register (ICSUSR) ................................................................ 733 21.2.2 I 2C Bus Control Register 1 (ICCR1)................................................................. 733 21.2.3 I 2C Bus Control Register 2 (ICCR2)................................................................. 736 21.2.4 I 2C Bus Mode Register (ICMR)........................................................................ 738 21.2.5 I 2C Bus Interrupt Enable Register (ICIER)....................................................... 739 21.2.6 I 2C Bus Status Register (ICSR)......................................................................... 741 21.2.7 Slave Address Register (SAR).......................................................................... 745 21.2.8 I 2C Bus Transmit Data Register (ICDRT) ........................................................ 745 21.2.9 I 2C Bus Receive Data Register (ICDRR).......................................................... 746 21.2.10 I 2C Bus Shift Register (ICDRS)........................................................................ 746 21.3 Operation .......................................................................................................................... 747 21.3.1 I 2C Bus Format.................................................................................................. 747 21.3.2 Master Transmit Operation ............................................................................... 748 21.3.3 Master Receive Operation ................................................................................ 750 21.3.4 Slave Transmit Operation ................................................................................. 752 21.3.5 Slave Receive Operation................................................................................... 755 21.3.6 Clock Synchronous Serial Format .................................................................... 756 21.3.7 Noise Filter Circuit ........................................................................................... 759 21.3.8 Example of Use................................................................................................. 760 21.4 Interrupt Request .............................................................................................................. 764 21.5 Bit Synchronous Circuit.................................................................................................... 765 21.6 Usage Notes ...................................................................................................................... 766 21.6.1 SCL and SDA pins selected by PMC ............................................................... 766 21.6.2 Restriction on Use of Bit Manipulation Instructions to Set MST and TRS in Multi-Master Usage.............................................................................. 766 Section 22 Synchronous Serial Communication Unit (SSU) ............................ 767 22.1 Features............................................................................................................................. 767 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |