Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 68 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 64Page - Renesas Technology Corp H8S/20203 Datasheet HTML 65Page - Renesas Technology Corp H8S/20203 Datasheet HTML 66Page - Renesas Technology Corp H8S/20203 Datasheet HTML 67Page - Renesas Technology Corp H8S/20203 Datasheet HTML 68Page - Renesas Technology Corp H8S/20203 Datasheet HTML 69Page - Renesas Technology Corp H8S/20203 Datasheet HTML 70Page - Renesas Technology Corp H8S/20203 Datasheet HTML 71Page - Renesas Technology Corp H8S/20203 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 992 page
background image
Section 2 CPU
Rev. 1.00 Oct. 03, 2008 Page 42 of 962
REJ09B0465-0100
Table 2.3
Data Transfer Instructions
Instruction
Size*
1
Function
MOV
B/W/L
(EAs)
→ Rd, Rs → (EAd)
Moves data between two general registers or between a general
register and memory, or moves immediate data to a general register.
MOVFPE
B
Cannot be used in this LSI.
MOVTPE
B
Cannot be used in this LSI.
POP
W/L
@SP+
→ Rn
Pops a general register from the stack. POP.W Rn is identical to
MOV.W @SP+, Rn. POP.L ERn is identical to MOV.L @SP+, ERn
PUSH
W/L
Rn
→ @-SP
Pushes a general register onto the stack. PUSH.W Rn is identical to
MOV.W Rn, @-SP. PUSH.L ERn is identical to MOV.L ERn, @-SP.
LDM*
2
L
@SP+
→ Rn (register list)
Pops two or more general registers from the stack.
STM*
2
L
Rn (register list)
→ @-SP
Pushes two or more general registers onto the stack.
Notes: 1. Size refers to the operand size.
B:
Byte
W:
Word
L:
Longword
2. The ER7 register is used as a stack pointer in the STM and LDM instructions.
Accordingly, ER7 cannot be stored by STM or loaded by LDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com