Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 28 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 24Page - Renesas Technology Corp H8S/20203 Datasheet HTML 25Page - Renesas Technology Corp H8S/20203 Datasheet HTML 26Page - Renesas Technology Corp H8S/20203 Datasheet HTML 27Page - Renesas Technology Corp H8S/20203 Datasheet HTML 28Page - Renesas Technology Corp H8S/20203 Datasheet HTML 29Page - Renesas Technology Corp H8S/20203 Datasheet HTML 30Page - Renesas Technology Corp H8S/20203 Datasheet HTML 31Page - Renesas Technology Corp H8S/20203 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 992 page
background image
Section 1 Overview
Rev. 1.00 Oct. 03, 2008 Page 2 of 962
REJ09B0465-0100
Classification
Module/
Function
Description
CPU
CPU
• 16-bit high-speed H8S/2000 CPU (CISC type)
Upwardly compatible with H8/300 and H8/300H CPUs at object
level
• General-register architecture (sixteen 16-bit general registers)
• Eight addressing modes
• 16-Mbyte address space
 Program: 16 Mbytes available
 Data: 16 Mbytes available
• 65 basic instructions including bit operation instructions,
multiply and divide instructions, bit manipulation instructions,
and others
• Minimum instruction execution time: 50 ns (for an ADD
instruction) while system clock
φ = 20 MHz and
V
CC = 2.7 to 5.5 V
Operating
mode
Advanced single-chip mode
Interrupt
(source)
Interrupt
controller
(INTC)
• Nine external interrupt pins (NMI, and IRQ7 to IRQ0)
• Internal interrupt sources
 55 (H8S/20103 group)
 61 (H8S/20203 group)
 63 (H8S/20223 group)
• Two interrupt control modes (specified by the interrupt control
register)
• Four interrupt priority orders specifiable (by setting the interrupt
priority register)
• Independent vector addresses
Clock
Clock pulse
generator
(CPG)
• Two clock generation circuits: main and sub-clock oscillators
• Two on-chip oscillators
 High speed: 40 MHz
 Low speed: 125 kHz
• Three power-down modes: sleep mode, software standby
mode, and module standby mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com