| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 24 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 24 Page - Renesas Technology Corp |
|
24 / 992 page ![]() Rev. 1.00 Oct. 03, 2008 Page xxiv of xxvi 24.2.3 A/D Control Register (ADCR) ......................................................................... 825 24.2.4 A/D Mode Register (ADMR) ........................................................................... 827 24.2.5 Compare Data Register (CMPR) ...................................................................... 828 24.2.6 Compare Control Status Register (CMPCSR) .................................................. 830 24.2.7 Compare Analog Level Registers H and L (CMPVALH and CMPVALL) ..... 832 24.3 Operation .......................................................................................................................... 834 24.4 A/D Conversion Mode Operation..................................................................................... 835 24.4.1 Single Mode in A/D Conversion Mode ............................................................ 835 24.4.2 Scan Mode in A/D Conversion Mode............................................................... 837 24.5 Compare Mode Operation ................................................................................................ 839 24.5.1 Single Mode in Compare Mode........................................................................ 839 24.5.2 Scan Mode in Comparison Mode ..................................................................... 840 24.5.3 Input Sampling and A/D Conversion Time ...................................................... 841 24.5.4 External Trigger Input Timing.......................................................................... 843 24.6 Interrupt Source ................................................................................................................844 24.7 A/D Conversion Accuracy Definitions ............................................................................. 845 24.8 Usage Notes ...................................................................................................................... 847 24.8.1 Module Standby Mode Setting ......................................................................... 847 24.8.2 Permissible Signal Source Impedance .............................................................. 847 24.8.3 Influences on Absolute Precision...................................................................... 848 24.8.4 Setting Range of Analog Power Supply and Other Pins................................... 848 24.8.5 Notes on Board Design ..................................................................................... 848 24.8.6 Notes on Noise Countermeasures ..................................................................... 849 24.8.7 Notes on Analog Input Pins .............................................................................. 850 Section 25 D/A Converter ................................................................................. 851 25.1 Features............................................................................................................................. 851 25.2 Register Descriptions........................................................................................................ 852 25.2.1 D/A Data Registers 0 and 1 (DADR0 and DADR1)......................................... 852 25.2.2 D/A Control Register (DACR) ......................................................................... 853 25.3 Operation .......................................................................................................................... 854 25.4 Usage Notes ...................................................................................................................... 856 25.4.1 Setting for Module Stop Mode ......................................................................... 856 25.4.2 Operation in Standby Mode .............................................................................. 856 Section 26 Low-Voltage Detection Circuits...................................................... 857 26.1 Features............................................................................................................................. 858 26.2 Register Descriptions........................................................................................................ 860 26.2.1 Low-Voltage Detection Circuit Control Protect Register (VDCPR) ................ 861 26.2.2 Low-Voltage Detection Circuit 2 Control Register H (LD2CRH) ................... 862 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |