Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 357 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 357 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 353Page - Renesas Technology Corp H8S/20203 Datasheet HTML 354Page - Renesas Technology Corp H8S/20203 Datasheet HTML 355Page - Renesas Technology Corp H8S/20203 Datasheet HTML 356Page - Renesas Technology Corp H8S/20203 Datasheet HTML 357Page - Renesas Technology Corp H8S/20203 Datasheet HTML 358Page - Renesas Technology Corp H8S/20203 Datasheet HTML 359Page - Renesas Technology Corp H8S/20203 Datasheet HTML 360Page - Renesas Technology Corp H8S/20203 Datasheet HTML 361Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 357 / 992 page
background image
Section 11 Data Transfer Controller (DTC)
Rev. 1.00 Oct. 03, 2008 Page 331 of 962
REJ09B0465-0100
Section 11 Data Transfer Controller (DTC)
This LSI includes a data transfer controller (DTC). The DTC can be activated by an interrupt or
software to transfer data.
Figure 11.1 shows a block diagram of the DTC.
11.1
Features
• Transfer possible over any number of channels
• Three transfer modes
 Normal mode
One operation transfers one byte or one word of data.
Memory address is incremented or decremented by 1 or 2.
From 1 to 65,536 transfers can be specified.
 Repeat mode
One operation transfers one byte or one word of data.
Memory address is incremented or decremented by 1 or 2.
Once the specified number of transfers (1 to 256) has ended, the initial state is restored, and
transfer is repeated.
 Block transfer mode
One operation transfers specified one block of data.
The block size is 1 to 256 bytes or words.
From 1 to 65,536 transfers can be specified.
Either the transfer source or the transfer destination is designated as a block area.
• One activation source can trigger a number of data transfers (chain transfer)
• Direct specification of 16-Mbyte address space possible
• Activation by software is possible.
• Transfer can be set in byte or word units.
• A CPU interrupt can be requested for the interrupt that activated the DTC.
• Module standby mode can be set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com