| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
H8S/20203 Datasheet(PDF) 364 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/20203 Datasheet(HTML) 364 Page - Renesas Technology Corp |
|
364 / 992 page ![]() Section 11 Data Transfer Controller (DTC) Rev. 1.00 Oct. 03, 2008 Page 338 of 962 REJ09B0465-0100 11.2.5 DTC Transfer Count Register A (CRA) b15 bit15 b14 bit14 b13 bit13 b12 bit12 b11 bit11 b10 bit10 b9 bit9 b8 bit8 b7 bit7 b6 bit6 b5 bit5 b4 bit4 b3 bit3 b2 bit2 b1 bit1 b0 bit0 Bit: Address: Value after reset: Bit: Value after reset: CRA designates the number of times that data is to be transferred by the DTC. In normal mode, the entire CRA functions as a 16-bit transfer counter (1 to 65,536). It is decremented by 1 every time data is transferred, and transfer ends when the count reaches H'0000. In repeat mode or block transfer mode, the CRA is divided into two parts: the upper 8 bits (CRAH) and the lower 8 bits (CRAL). In repeat mode, CRAH holds the number of transfers while CRAL functions as an 8-bit transfer counter (1 to 256). In block transfer mode, CRAH holds the size of blocks while CRAL functions as a block-size counter. CRAL is decremented by 1 every time data is transferred, and the contents of CRAH are sent when the count value reaches H'00. 11.2.6 DTC Transfer Count Register B (CRB) b15 bit15 b14 bit14 b13 bit13 b12 bit12 b11 bit11 b10 bit10 b9 bit9 b8 bit8 b7 bit7 b6 bit6 b5 bit5 b4 bit4 b3 bit3 b2 bit2 b1 bit1 b0 bit0 Bit: Address: Value after reset: Bit: Value after reset: CRB is a 16-bit register that designates the number of times block data is to be transferred by the DTC in block transfer mode. It functions as a 16-bit transfer counter (1 to 65,536) that is decremented by 1 every time data is transferred, and transfer ends when the count reaches H'0000. The CRB is not available in normal and repeat modes. |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |