Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 400 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 400 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 396Page - Renesas Technology Corp H8S/20203 Datasheet HTML 397Page - Renesas Technology Corp H8S/20203 Datasheet HTML 398Page - Renesas Technology Corp H8S/20203 Datasheet HTML 399Page - Renesas Technology Corp H8S/20203 Datasheet HTML 400Page - Renesas Technology Corp H8S/20203 Datasheet HTML 401Page - Renesas Technology Corp H8S/20203 Datasheet HTML 402Page - Renesas Technology Corp H8S/20203 Datasheet HTML 403Page - Renesas Technology Corp H8S/20203 Datasheet HTML 404Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 400 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 374 of 962
REJ09B0465-0100
12.2.6
Port-Group Setting Registers 1 and 2 (PGR1 and PGR2)
b7
PGRn7
0
b6
PGRn6
0
b5
PGRn5
0
b4
PGRn4
0
b3
PGRn3
0
b2
PGRn2
0
b1
PGRn1
0
b0
PGRn0
0
H'FF06A2, H'FF06A3
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PGRn7
Port-group
setting n7
R/W
6
PGRn6
Port-group
setting n6
R/W
5
PGRn5
Port-group
setting n5
R/W
4
PGRn4
Port-group
setting n4
R/W
3
PGRn3
Port-group
setting n3
R/W
2
PGRn2
Port-group
setting n2
R/W
1
PGRn1
Port-group
setting n1
R/W
0
PGRn0
Port-group
setting n0
0: The port bit is not specified as the member of the
same group.
1: The port bit is specified as the member of the
same group.
R/W
[Legend]
n:
1 or 2
PGR specifies each port bit in the same 8-bit I/O port as the member of a group. One to eight port
bits can be specified as the members of the same group as required. The correspondence between
PGR and ports is shown in table 12.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com