Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 411 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 411 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 407Page - Renesas Technology Corp H8S/20203 Datasheet HTML 408Page - Renesas Technology Corp H8S/20203 Datasheet HTML 409Page - Renesas Technology Corp H8S/20203 Datasheet HTML 410Page - Renesas Technology Corp H8S/20203 Datasheet HTML 411Page - Renesas Technology Corp H8S/20203 Datasheet HTML 412Page - Renesas Technology Corp H8S/20203 Datasheet HTML 413Page - Renesas Technology Corp H8S/20203 Datasheet HTML 414Page - Renesas Technology Corp H8S/20203 Datasheet HTML 415Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 411 / 992 page
background image
Section 12 Event Link Controller
Rev. 1.00 Oct. 03, 2008 Page 385 of 962
REJ09B0465-0100
12.3
Operation
12.3.1
Relation between Interrupt Processing and Event Linking
The modules incorporated in this LSI are provided with the interrupt request status flags and the
bits to enable/disable these interrupt requests. When an interrupt request is generated in a module,
the corresponding interrupt request status flag is set. If the corresponding interrupt request is
enabled then, the interrupt requested is issued to the CPU.
In contrast, the ELC uses interrupt requests (hereinafter referred to as events) generated in
modules as event signals that directly activate other modules. This means that the event signal can
be used whether or not the interrupt signal is enabled. Figure 12.2 shows the relation between the
interrupt processing and ELC.
Interrupt request
(event)
Status flag
Interrupt enable control
Interrupt control
circuit
Port
External pin
ELC
CPU
Module 1
Module n
Module
Figure 12.2 Relation between Interrupt Processing and ELC
12.3.2
Event Linkage
When an event has been set as a trigger in the event-link setting registers (ELSR0 to ELSR32) and
then occurs, that event is linked with the corresponding module (activate the module). Only one
type of event can be connected with one module. When a module is to be activated by the event-
link controller, the operation of the module must be set up in advance. Table 12.4 lists the
operations of modules when an event is input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com