Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 469 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 469 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 465Page - Renesas Technology Corp H8S/20203 Datasheet HTML 466Page - Renesas Technology Corp H8S/20203 Datasheet HTML 467Page - Renesas Technology Corp H8S/20203 Datasheet HTML 468Page - Renesas Technology Corp H8S/20203 Datasheet HTML 469Page - Renesas Technology Corp H8S/20203 Datasheet HTML 470Page - Renesas Technology Corp H8S/20203 Datasheet HTML 471Page - Renesas Technology Corp H8S/20203 Datasheet HTML 472Page - Renesas Technology Corp H8S/20203 Datasheet HTML 473Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 469 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 443 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
3
TOD
Timer output
level setting D
0: Output value is 0*
2.
1: Output value is 1*
2.
R/W
2
TOC
Timer output
level setting C
0: Output value is 0*
2.
1: Output value is 1*
2.
R/W
1
TOB
Timer output
level setting B
0: Output value is 0*
2.
1: Output value is 1*
2.
R/W
0
TOA
Timer output
level setting A
0: Output value is 0*
2.
1: Output value is 1*
2.
R/W
Notes: 1. If the internal
φ/40 clock is selected, the high-speed on-chip oscillator must be
operating. As long as the internal
φ40 clock is selected, do not stop the high-speed on-
chip oscillator. Restrictions on access to registers are applied when the internal
φ/40
clock is selected. For details, see 6 in section 15.5, Usage Notes. 6.
2. The change of the setting is immediately reflected in the output value.
3. When the counter clock is switched over, the counter should be halted.
• TOD bit (timer output level setting D)
Sets the output value of the FTIOD pin until the first compare match D is generated. In PWM
mode, controls the output polarity of the FTIOD pin.
• TOC bit (timer output level setting C)
Sets the output value of the FTIOC pin until the first compare match C is generated. In PWM
mode, controls the output polarity of the FTIOC pin.
• TOB bit (timer output level setting B)
Sets the output value of the FTIOB pin until the first compare match B is generated. In PWM
mode, controls the output polarity of the FTIOB pin.
• TOA bit (timer output level setting A)
Sets the output value of the FTIOA pin until the first compare match A is generated. In PWM
mode, controls the output polarity of the FTIOA pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com