Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 508 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 504Page - Renesas Technology Corp H8S/20203 Datasheet HTML 505Page - Renesas Technology Corp H8S/20203 Datasheet HTML 506Page - Renesas Technology Corp H8S/20203 Datasheet HTML 507Page - Renesas Technology Corp H8S/20203 Datasheet HTML 508Page - Renesas Technology Corp H8S/20203 Datasheet HTML 509Page - Renesas Technology Corp H8S/20203 Datasheet HTML 510Page - Renesas Technology Corp H8S/20203 Datasheet HTML 511Page - Renesas Technology Corp H8S/20203 Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 992 page
background image
Section 15 Timer RC
Rev. 1.00 Oct. 03, 2008 Page 482 of 962
REJ09B0465-0100
15.3.7
Operation through an Event Link
Using the event link controller (ELC), timer RC can be made to operate in the following ways in
relation to events occurring in other modules.
(1) Staring Counter Operation
The start of counting operations by timer RC can be selected by ELOPA of the ELC. When the
event specified by ELSR2 occur, the CTS bit in TRCMR is set to 1, which stars counting by timer
RC. However, if the specified event occurs when the CTS bit has already been set to 1, the event
is not effective.
(2) Counting Event
The counting of events by timer RC can be selected by ELOPA of the ELC. When the event
specified in ELSR2 occurs, event counter operation proceeds with that event as the source to drive
counting, regardless of the setting of the CKS[2:0] bits in TRCCR1. When the value of the counter
is read, the value read out is the actual number of input events.
(3) Input Capture
Input capture operation of timer RC can be selected by ELOPA of the ELC. When the event
specified in ELSR2 occurs, GRD captures the value of TRCCNT. When input capture operation
initiated by an event link is in use, set the IOD[3:0] bits = b'1101 in TRCIOR1 of timer RC, set the
CTS bit in TRCMR to 1, and then start the counter. Since input on the FTIOD pin becomes valid
at the same time, fix the input to the FTIOD pin or take other measures such as not allocating the
FTIOD pin to the port in the PMC, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com