Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 113 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 109Page - Renesas Technology Corp H8S/20203 Datasheet HTML 110Page - Renesas Technology Corp H8S/20203 Datasheet HTML 111Page - Renesas Technology Corp H8S/20203 Datasheet HTML 112Page - Renesas Technology Corp H8S/20203 Datasheet HTML 113Page - Renesas Technology Corp H8S/20203 Datasheet HTML 114Page - Renesas Technology Corp H8S/20203 Datasheet HTML 115Page - Renesas Technology Corp H8S/20203 Datasheet HTML 116Page - Renesas Technology Corp H8S/20203 Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 87 of 962
REJ09B0465-0100
4.3
Interrupt Sources
4.3.1
External Interrupt sources
There are nine external interrupts: NMI and IRQ7 to IRQ0. These external interrupts can be used
to cause the device to exit from standby mode.
(1) NMI Interrupt
The nonmaskable interrupt request (NMI) is the highest-priority interrupt, and always accepted by
the CPU regardless of the interrupt control mode or the status of the CPU interrupt mask bits. The
NMIEG bit in INTCR can be used to select whether an interrupt is requested at a rising edge or a
falling edge on the NMI pin.
(2) IRQ7 to IRQ0 Interrupts
Interrupts IRQ7 to IRQ0 are generated by an input signal at pins
IRQ7 to IRQ0. IRQ7 to IRQ0
interrupts have the following features:
• Using ISCR, it is possible to select whether an interrupt on the IRQ7 to IRQ0 input pins is
generated by a falling edge, rising edge, or both edges.
• Enabling or disabling of interrupt requests IRQ7 to IRQ0 can be selected with IER.
• The interrupt priority level can be set with IPR.
• The status of interrupt requests IRQ7 to IRQ0 is indicated in ISR. ISR flags can be cleared to 0
by software.
A block diagram of interrupts IRQ7 to IRQ0 is shown in figure 4.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com