Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 122 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 118Page - Renesas Technology Corp H8S/20203 Datasheet HTML 119Page - Renesas Technology Corp H8S/20203 Datasheet HTML 120Page - Renesas Technology Corp H8S/20203 Datasheet HTML 121Page - Renesas Technology Corp H8S/20203 Datasheet HTML 122Page - Renesas Technology Corp H8S/20203 Datasheet HTML 123Page - Renesas Technology Corp H8S/20203 Datasheet HTML 124Page - Renesas Technology Corp H8S/20203 Datasheet HTML 125Page - Renesas Technology Corp H8S/20203 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 96 of 962
REJ09B0465-0100
4.5
Interrupt Control Modes and Interrupt Operation
The interrupt controller has two modes: interrupt control mode 0 and interrupt control mode 2.
Interrupt operations differ depending on the interrupt control mode. The interrupt control mode is
selected by INTCR. Table 4.4 shows the differences between interrupt control mode 0 and
interrupt control mode 2.
Table 4.4
Interrupt Control Modes
Interrupt
Control Mode
Priority Setting
Registers
Interrupt
Mask Bits
Description
0
Default
I
The priorities of interrupt sources are fixed at
the default settings.
Interrupt sources except for NMI is masked by
the I bit.
2
IPR
I1 and I0
Four priority levels except for NMI can be set
with IPR.
Four-level interrupt mask control is performed
by bits I1 and I0.
4.5.1
Interrupt Control Mode 0
In interrupt control mode 0, interrupt requests except for NMI is masked by the I bit in CCR of the
CPU. Figure 4.3 shows a flowchart of the interrupt acceptance operation in this case.
1. If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2. If the I bit is set to 1, only an NMI interrupt is accepted, and other interrupt requests are held
pending. If the I bit is cleared, an interrupt request is accepted.
3. When interrupt requests are sent to the interrupt controller, the highest-ranked interrupt request
according to the priority system is accepted, and other interrupt requests are retained.
4. When the CPU accepts an interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5. The PC and CCR are saved to the stack area by interrupt exception handling. The PC saved on
the stack shows the address of the first instruction to be executed after returning from the
interrupt handling routine.
6. The I bit in CCR is set to 1. This masks all interrupts except NMI.
7. The CPU generates a vector address for the accepted interrupt request and starts execution of
the interrupt handling routine at the address indicated by the contents of the start address in the
vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com