Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 128 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 124Page - Renesas Technology Corp H8S/20203 Datasheet HTML 125Page - Renesas Technology Corp H8S/20203 Datasheet HTML 126Page - Renesas Technology Corp H8S/20203 Datasheet HTML 127Page - Renesas Technology Corp H8S/20203 Datasheet HTML 128Page - Renesas Technology Corp H8S/20203 Datasheet HTML 129Page - Renesas Technology Corp H8S/20203 Datasheet HTML 130Page - Renesas Technology Corp H8S/20203 Datasheet HTML 131Page - Renesas Technology Corp H8S/20203 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 992 page
background image
Section 4 Interrupt Controller
Rev. 1.00 Oct. 03, 2008 Page 102 of 962
REJ09B0465-0100
4.5.4
Interrupt Response Time
Table 4.5 shows interrupt response time, the interval between generation of an interrupt request
and execution of the first instruction in the interrupt handling routine.
Table 4.5
Interrupt Response Times
No.
Execution Status
Interrupt Control
Mode 0
Interrupt Control
Mode 2
1
Interrupt priority determination*
1
3
2
Number of wait states until executing
instruction ends*
2
1 to 21
3
PC, CCR, EXR stack
2
3
4
Vector fetch
2
5
Instruction fetch*
3
2
6
Internal processing*
4
2
Total (using on-chip memory)
12 to 32
13 to 33
Notes: 1. Two states in case of internal interrupt
2. Refers to MULXS and DIVXS instructions.
3. Prefetch after interrupt acceptance and interrupt handling routine prefetch
4. Internal processing after interrupt acceptance and internal processing after vector fetch
4.5.5
DTC Activation by Interrupt
The DTC can be activated by an interrupt request. In this case, the following options are available:
1.
Interrupt request to CPU
2.
Activation request to DTC
3.
Both of the above
For details of interrupt requests that can be used to activate the DTC, see table 4.3 and section 11,
Data Transfer Controller (DTC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com