Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 165 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 161Page - Renesas Technology Corp H8S/20203 Datasheet HTML 162Page - Renesas Technology Corp H8S/20203 Datasheet HTML 163Page - Renesas Technology Corp H8S/20203 Datasheet HTML 164Page - Renesas Technology Corp H8S/20203 Datasheet HTML 165Page - Renesas Technology Corp H8S/20203 Datasheet HTML 166Page - Renesas Technology Corp H8S/20203 Datasheet HTML 167Page - Renesas Technology Corp H8S/20203 Datasheet HTML 168Page - Renesas Technology Corp H8S/20203 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 992 page
background image
Section 5 Clock Pulse Generator
Rev. 1.00 Oct. 03, 2008 Page 139 of 962
REJ09B0465-0100
5.4
High-Speed On-Chip Oscillator
5.4.1
Procedures for Switching to 32MHz
After release from a reset, the high-speed OCO is trimmed so that it will oscillate at 40 MHz.
Figure 5.13 shows a flowchart for the switching of the oscillation frequency of the high-speed
OCO to 32 MHz. Frequencies should be changed when the high-speed OCO is at reset.
Start
Read HOTRMDR3.
Read HOTRMDR4.
Write the HOTRMDR3 value
to HOTRMDR1.
Write the HOTRMDR4 value
to HOTRMDR2.
Set HOCOE in HOCR to 1.
End
[1]
[2]
[3]
[1]
[2]
[3]
Write the 32-MHz trimming value
in HOTRMDR3 to HOTRMDR1.
Write 32-MHz trimming value
in HOTRMDR4 to HOTRMDR2.
Set the HOCOE bit in HOCR to 1
to enable the high-speed OCO.
Figure 5.13 Flowchart for Switching High-Speed OCO Frequency to 32 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com