Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 246 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 242Page - Renesas Technology Corp H8S/20203 Datasheet HTML 243Page - Renesas Technology Corp H8S/20203 Datasheet HTML 244Page - Renesas Technology Corp H8S/20203 Datasheet HTML 245Page - Renesas Technology Corp H8S/20203 Datasheet HTML 246Page - Renesas Technology Corp H8S/20203 Datasheet HTML 247Page - Renesas Technology Corp H8S/20203 Datasheet HTML 248Page - Renesas Technology Corp H8S/20203 Datasheet HTML 249Page - Renesas Technology Corp H8S/20203 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 220 of 962
REJ09B0465-0100
Table 7.11
Bit Values in FLMSTR and Corresponding Errors
Bit Values in FLMSTR
FMEBSF
FMPRSF
Error
Error Generation Conditions
0
0
Successful end
0
1
Programming error
The programming command is
executed and results in
unsuccessful programming.
Lock-bit programming error
The lock-bit programming
command is executed and
results in unsuccessful
programming.
1
0
Erasure error
The erasure command is
executed and results in
unsuccessful erasure.
Blank checking error
The blank checking command
is executed and it is detected
that the specified block is not
blank.
1
1
Command sequence error
• A command is not written
correctly.
• A data value other than
H'D0 and H'FF is written in
the last cycle of the
command that consists of
two command cycles.
• The erasure command is
input in erase-suspend
mode.
• The programming command
is input for the suspended
block in erase-suspend
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com