Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 255 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 255 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 251Page - Renesas Technology Corp H8S/20203 Datasheet HTML 252Page - Renesas Technology Corp H8S/20203 Datasheet HTML 253Page - Renesas Technology Corp H8S/20203 Datasheet HTML 254Page - Renesas Technology Corp H8S/20203 Datasheet HTML 255Page - Renesas Technology Corp H8S/20203 Datasheet HTML 256Page - Renesas Technology Corp H8S/20203 Datasheet HTML 257Page - Renesas Technology Corp H8S/20203 Datasheet HTML 258Page - Renesas Technology Corp H8S/20203 Datasheet HTML 259Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 992 page
background image
Section 7 ROM
Rev. 1.00 Oct. 03, 2008 Page 229 of 962
REJ09B0465-0100
Mode State
When Interrupt Request is
Received
When Watchdog Timer Reset,
LVD Reset, Software Reset, or
Pin Reset, Interrupt Request is
Generated
EW1
During erasure command
(erase-suspend function
not used)
Erasure is given priority,
keeping the interrupt
request waiting. When
erasure is completed,
execution of the interrupt
processing is started.
During erasure command
(erase-suspend function
used)
After the transition time to
erase-suspend mode,
erasure is suspended
starting execution of the
interrupt processing. When
the interrupt processing is
completed, setting the
FMSPREQ bit in FLMCR2
to 0 resumes erasure.
During programming
command
During lock-bit
programming command
During blank checking
command
A software command is
given priority, keeping the
interrupt request waiting.
When the software
command is completed,
execution of the interrupt
processing is started.
Immediately after a reset is
generated, a software command
is forcibly terminated, and flash
memory and LSI are reset.
Because of the forced
termination, it might be
impossible to read correct values
from the block or address for
which the software command
has been executed; execute
erasure again after restarting and
confirm that erasure is completed
successfully.
Since the watchdog timer does
not stop even during command
execution, set the overflow time
of the watchdog timer longer
than the erasure/programming
execution time.
(3) Method of Access
When writing values to the protected bits indicated below, start by writing 0 to the bit and then
write 1 to it or by writing 1 to the bit and then write 0 to it. Do not allow the generation of any
interrupt or any access to other I/O registers between the two operations. For writing, always use
the MOV instruction.
(a) Bits that are set to 1 by writing 0 and then 1 consecutively
• FLMCR1: FMLBD and FMCMDEN bits
• FLMCR2: FMISPE and FMSPEN bits
(b) Bits that are cleared to 0 by writing 1 and then 0 consecutively
• DFPR: DFPR1 and DFPR0 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com