Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 293 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 293 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 289Page - Renesas Technology Corp H8S/20203 Datasheet HTML 290Page - Renesas Technology Corp H8S/20203 Datasheet HTML 291Page - Renesas Technology Corp H8S/20203 Datasheet HTML 292Page - Renesas Technology Corp H8S/20203 Datasheet HTML 293Page - Renesas Technology Corp H8S/20203 Datasheet HTML 294Page - Renesas Technology Corp H8S/20203 Datasheet HTML 295Page - Renesas Technology Corp H8S/20203 Datasheet HTML 296Page - Renesas Technology Corp H8S/20203 Datasheet HTML 297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 267 of 962
REJ09B0465-0100
Section 10 I/O Ports
The H8S/20103 group has fifty-five general I/O ports, and the H8S/20223 and H8S/20203 groups
each have sixty-nine general I/O ports. The general I/O ports are divided into three groups: the
digital I/O ports that can also be used as I/O pins of the on-chip peripheral modules or external
interrupt input pins, the ports that can also be used as analog input ports, and the ports that can
also be used as external oscillation pins. Although all the ports are set as general input ports
immediately after a reset, the pin functions can be selected by setting the appropriate register.
Pin functions of the digital I/O ports are selected by the peripheral function mapping controller
(PMC). For details, see section 9, Peripheral I/O Mapping Controller. All pins of general I/O ports
can be set as high-power ports. For the permissible total output current, see section 28, Electrical
Characteristics.
10.1
Port 1
Figure 10.1 shows the pin configuration of port 1.
P17/
IRQ7
P16/
IRQ6
P15/
IRQ5
P14/
IRQ4
P13/
IRQ3
P12/
IRQ2
P11/
IRQ1
P10/
IRQ0
P17/
IRQ7
P16/
IRQ6
P15/
IRQ5
P13/
IRQ3
P12/
IRQ2
P11/
IRQ1
Note: Only the functions initially selected by PMCR are shown following the port pin names.
H8S/20203 group
H8S/20223 group
H8S/20103 group
Figure 10.1 Port 1 Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com