Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/20203 Datasheet(PDF) 314 Page - Renesas Technology Corp

No. de pieza H8S/20203
Descripción Electrónicos  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 310Page - Renesas Technology Corp H8S/20203 Datasheet HTML 311Page - Renesas Technology Corp H8S/20203 Datasheet HTML 312Page - Renesas Technology Corp H8S/20203 Datasheet HTML 313Page - Renesas Technology Corp H8S/20203 Datasheet HTML 314Page - Renesas Technology Corp H8S/20203 Datasheet HTML 315Page - Renesas Technology Corp H8S/20203 Datasheet HTML 316Page - Renesas Technology Corp H8S/20203 Datasheet HTML 317Page - Renesas Technology Corp H8S/20203 Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 992 page
background image
Section 10 I/O Ports
Rev. 1.00 Oct. 03, 2008 Page 288 of 962
REJ09B0465-0100
10.4.3
Port Data Register 5 (PDR5)
b7
PDR57
0
b6
PDR56
0
b5
PDR55
0
b4
PDR54
0
b3
PDR53
0
b2
PDR52
0
b1
PDR51
0
b0
PDR50
0
H'FFFFE4
Bit:
Address:
Value after reset:
Bit
Symbol
Bit Name
Description
R/W
7
PDR57
Port 57 data
R/W
6
PDR56
Port 56 data
R/W
5
PDR55
Port 55 data
R/W
4
PDR54
Port 54 data
R/W
3
PDR53
Port 53 data
R/W
2
PDR52
Port 52 data
R/W
1
PDR51
Port 51 data
R/W
0
PDR50
Port 50 data
0: Low level
1: High level
PDR5 is a register that stores output data for port 5
pins. When PCR5 bits are set to 1, the values
stored in PDR5 are output.
When PDR5 is read while PCR5 bits are set to 1,
the values stored in PDR5 are read. If PDR5 is read
while PCR5 bits are cleared to 0, the pin states are
read regardless of the value stored in PDR5.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com