Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 7 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 7 Page - Linear Technology

Back Button LCFX Datasheet HTML 3Page - Linear Technology LCFX Datasheet HTML 4Page - Linear Technology LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology LCFX Datasheet HTML 10Page - Linear Technology LCFX Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
7
3585f
LT3585-1 Output Voltage
LT3585-2 Output Voltage
LT3585-3 Output Voltage
LT3585-0 Switch Waveform
Normal Input Current Mode
TYPICAL PERFOR A CE CHARACTERISTICS LT3585-0 curves use Figure 11, LT3585-1 curves
use Figure 12, LT3585-2 curves use Figure 13 and LT3585-3 curves use Figure 14 unless otherwise noted.
VBAT (V)
2
310
312
314
316
318
322
3
45
6
3585 G28
78
320
TA = –40°C
TA = 25°C
TA = 85°C
VBAT (V)
2
314
316
318
330
322
326
3
45
6
3585 G29
78
324
TA = –40°C
TA = 25°C
TA = 85°C
VBAT (V)
2
320
322
324
326
328
330
3
45
6
3585 G30
78
TA = –40°C
TA = 25°C
TA = 85°C
VSW
10V/DIV
IPRI
1A/DIV
2
µs/DIV
3585 G31
VBAT = 3.6V
VOUT = 100V
LT3585-0 Switch Waveform
Reduced Input Current Mode
VSW
10V/DIV
IPRI
1A/DIV
2
µs/DIV
3585 G32
VBAT = 3.6V
VOUT = 100V
LT3585-0 Switch Waveform
Normal Input Current Mode
VSW
10V/DIV
IPRI
1A/DIV
2
µs/DIV
3585 G33
VBAT = 3.6V
VOUT = 300V
LT3585-0 Switch Waveform
Reduced Input Current Mode
Switch DC Current Limit*
LT3585-0/LT3585-1/LT3585-2/
LT3585-3 Switch Breakdown
Voltage
VSW
10V/DIV
IPRI
1A/DIV
2
µs/DIV
3585 G34
VBAT = 3.6V
VOUT = 300V
TEMPERATURE (
°C)
–50
0
0.3
0.6
0.9
1.2
–10
20
*DYNAMIC CURRENT LIMIT IS HIGHER
THAN DC CURRENT LIMIT
60
40
80
3585 G35
1.5
1.8
–30
10
30
LT3585-3
LT3585-0
LT3585-2
LT3585-1
SWITCH VOLTAGE (V)
0
6
8
10
80
3585 G36
4
2
5
7
9
3
1
0
20
10
40
30
60 70
90
50
100
TA = –40°C
TA = 25°C
TA = 85°C
SW PIN IS RESISTIVE UNTIL BREAKDOWN
VOLTAGE DUE TO INTEGRATED RESISTORS.
THIS DOES NOT INCREASE QUIESCENT
CURRENT OF THE PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com