Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 13 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 13 Page - Linear Technology

Back Button LCFX Datasheet HTML 9Page - Linear Technology LCFX Datasheet HTML 10Page - Linear Technology LCFX Datasheet HTML 11Page - Linear Technology LCFX Datasheet HTML 12Page - Linear Technology LCFX Datasheet HTML 13Page - Linear Technology LCFX Datasheet HTML 14Page - Linear Technology LCFX Datasheet HTML 15Page - Linear Technology LCFX Datasheet HTML 16Page - Linear Technology LCFX Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
13
3585f
APPLICATIO S I FOR ATIO
IGBT Drive
The IGBT is a high current switch for the 100A+ current
through the photoflash lamp. To create a redeye effect or
to adjust the light output, the lamp current needs to be
stopped or quenched with an IGBT before discharging
the photoflash capacitor fully. The IGBT device also con-
trols the 4kV trigger pulse required to ionize the Xenon
gas in the photoflash lamp. Figure 8 is a schematic of a
fully functional photoflash application with the LT3585-0
serving as the IGBT driver. An IGBT driver charges the
gate capacitance to start the flash. The IGBT driver does
not need to pull up the gate significantly fast because of
the inherently slow nature of the IGBT. A rise time of 2µs
is sufficient to charge the gate of the IGBT and create a
trigger pulse. With slower rise times, the trigger circuitry
will not have a fast enough edge to create the required
4kV pulse. The fall time of the IGBT driver is critical to the
Figure 6. IGBT Driver Output with 4000pF Load
Figure 7. IGBT Turn-Off Delay vs RPD
Table 3. Recommended Output Diodes
PART
MAX REVERSE
VOLTAGE (V)
MAX CONTINUOUS
FORWARD CURRENT (mA)
CAPACITANCE (pF)
VENDOR
GSD2004S
(DUAL DIODE)
2
× 300
225
5
Vishay
(402) 563-6866
www.vishay.com
CMSD2004S
(DUAL DIODE)
2
× 300
225
5
Central Semiconductor
(631) 435-1110
www.centralsemi.con
MMBD3004S
(DUAL DIODE)
2
× 350
225
5
Diodes, Inc
(816) 251-8800
www.diodes.com
safe operation of the IGBT. The IGBT gate is a network of
resistors and capacitors, as shown in Figure 9. When the
gate terminal is pulled low, the capacitance closest to the
terminal goes low but the capacitance further from the
terminal remains high. This causes a smaller portion of
the device to handle a larger portion of the current, which
can damage the device. The pull-down circuitry needs to
pull down slower than the internal RC time constant in
the gate of the IGBT. This is easily accomplished with a
resistor placed in series with the IGBTPD pin.
The LT3585 series integrated IGBT drive circuit is indepen-
dent of the charging function and draws its power from
the IGBTPWR pin. The drive pulls high to within 200mV
of IGBTPWR and pulls down to 100mV. The circuit’s
switching waveform is shown in Figure 6. The rise and fall
times are measured using a 4000pF output capacitor. The
typical 10% to 90% rise time is 320ns when IGBTPWR
IGBTIN
1V/DIV
IGBTOUT
2V/DIV
500ns/DIV
3585 F06
IGBTPWR = 5V
COUT = 4000pF
RPD = 50Ω
RPD (Ω)
0
0
0.2
0.6
0.8
1.0
2.0
1.4
50
100
3585 F07
0.4
1.6
1.8
1.2
150
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com