Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 20 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 20 Page - Linear Technology

Back Button LCFX Datasheet HTML 12Page - Linear Technology LCFX Datasheet HTML 13Page - Linear Technology LCFX Datasheet HTML 14Page - Linear Technology LCFX Datasheet HTML 15Page - Linear Technology LCFX Datasheet HTML 16Page - Linear Technology LCFX Datasheet HTML 17Page - Linear Technology LCFX Datasheet HTML 18Page - Linear Technology LCFX Datasheet HTML 19Page - Linear Technology LCFX Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
20
3585f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT 0706 • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC®3407
Dual 600mA (IOUT), 1.5MHz, Synchronous Step-Down
DC/DC Converter
96% Efficiency, VIN: 2.5V to 5.5V, VOUT: 0.6V to 5V, IQ = 40µA,
Converter ISD <1µA, 10-Lead MSE/10-Lead DFN Packages
LT3420/LT3420-1
1.4A/1A, Photoflash Capacitor Chargers with Charges
Automatic Top-Off
Charges 220µF to 320V in 3.7 Seconds from 5V, Automatic Top-Off
VIN: 2.2V to 16V, IQ = 90µA, ISD < 1µA, 10-Lead MS/10-Lead DFN
Packages
LTC3425
3A (IOUT), 8MHz, 4-Phase Synchronous Step-Up
DC/DC Converter
95% Efficiency, VIN: 0.5V to 4.5V, VOUT: 2.4V to 5.25V, IQ = 12µA,
ISD < 1µA, 32-Lead 5mm × 5mm QFN Package
LTC3440
600mA (IOUT), Synchronous Buck-Boost DC/DC
Converter
95% Efficiency, VIN: 2.5V to 5.5V, VOUT: 2.5V to 5.5V,
Converter IQ = 25µA, ISD < 1µA, 10-Lead MS/10-Lead DFN Packages
LT3463/LT3463A
Dual Boost (250mA)/Inverting (250mA/400mA) DC/DC
Converter for CCD Bias
Integrated Schottkys, VIN: 2.4V to 15V, VOUT(MAX) = ±40V, DC/DC
Converter for CCD Bias, IQ = 40µA, ISD < 1µA, 10-LeadDFN Package
LT3468
Photoflash Capacitor Charger in ThinSOT
TM Package
Charges 100µF to 320V in 4.6 Seconds from 3.6V, VIN: 2.5V to 16V,
IQ = 5mA, ISD < 1µA, 5-Lead TSOT-23 Package
LT3472
Dual ±34V, 1.2MHz Boost (350mA)/Inverting (400mA)
DC/DC Converter for CCD Bias
Integrated Schottkys, VIN: 2.2V to 16V, VOUT(MAX) = ±34V, DC/DC
Converter for CCD Bias IQ = 2.8mA, ISD < 1µA, 10-Lead DFN Package
LT3484-0/LT3484-1
LT3484-2
Photoflash Capacitor Chargers
Charges 100µF to 320V in 4.6 Seconds from 3.6V,
LT3484-0 VIN: 2.5V to 16V, VBAT: 1.8V to 16V, IQ = 5mA, ISD < 1µA,
6-lead 2mm
× 3mm DFN Package
LT3485-0/LT3485-1
LT3485-2/LT3485-3
Photoflash Capacitor Charger with Output Voltage
Monitor and Integrated IGBT Drive
Charges 100µF Capacitor to 320V in 2.5 Seconds from 3.6V.
VIN: 1.8V to 10V, IQ = 5mA, ISD < 1µA, 10-Lead 3mm × 3mm DFN
Package
ThinSOT is a trademark of Linear Technology Corporation.
TYPICAL APPLICATIO
Figure 18. LT3585-3 Typical Application
+
DONE
CHRG/IADJ
VIN
IGBTPWR
IGBTIN
IGBTPU
IGBTPD
VBAT
SW
GND
LT3585-3
320V
TO GATE OF IGBT
C1: 4.7
µF, 10V, X5R OR X7R
C2: 0.22
µF, 10V, X5R OR X7R
COUT: RUBYCON 330V, 50µF PHOTOFLASH OUTPUT CAPACITOR (FW SERIES)
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
R1: PULL-UP RESISTOR NEEDED IF DONE PIN USED
T1: TOKYO COIL TTRN-0530-022-T, LPRI = 4µH, N = 10.3
3585 F18
COUT
PHOTOFLASH
CAPACITOR
C2
0.22
µF
C1
4.7
µF
R1
100k
VIN
2.5V TO 8V
DONE
CHARGE
VBAT
1.5V TO 8V
D1
T1
1:10.3
R2
20
Ω TO 160Ω
•
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com