Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 16 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 16 Page - Linear Technology

Back Button LCFX Datasheet HTML 12Page - Linear Technology LCFX Datasheet HTML 13Page - Linear Technology LCFX Datasheet HTML 14Page - Linear Technology LCFX Datasheet HTML 15Page - Linear Technology LCFX Datasheet HTML 16Page - Linear Technology LCFX Datasheet HTML 17Page - Linear Technology LCFX Datasheet HTML 18Page - Linear Technology LCFX Datasheet HTML 19Page - Linear Technology LCFX Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
16
3585f
Figure 11. LT3585-0 Photoflash Charger Uses High Efficiency 3mm Tall Transformer
+
DONE
CHRG/IADJ
VIN
IGBTPWR
IGBTIN
IGBTPU
IGBTPD
VBAT
SW
GND
LT3585-0
320V
TO GATE OF IGBT
C1: 4.7
µF, 10V, X5R OR X7R
C2: 0.22
µF, 10V, X5R OR X7R
COUT: RUBYCON 330V, 50µF PHOTOFLASH OUTPUT CAPACITOR (FW SERIES)
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
R1: PULL-UP RESISTOR NEEDED IF DONE PIN USED
T1: TDK LDT565630T-001, LPRI = 6µH, N = 10.4
3585 F11
COUT
PHOTOFLASH
CAPACITOR
C2
0.22
µF
C1
4.7
µF
R1
100k
VIN
2.5V TO 8V
DONE
CHARGE
VBAT
1.5V TO 8V
D1
T1
1:10.4
R2
20
Ω TO 160Ω
•
•
Figure 12. LT3585-1 Photoflash Charger Uses High Efficiency 2mm Tall Transformer
+
DONE
CHRG/IADJ
VIN
IGBTPWR
IGBTIN
IGBTPU
IGBTPD
VBAT
SW
GND
LT3585-1
320V
TO GATE OF IGBT
C1: 4.7
µF, 10V, X5R OR X7R
C2: 0.22
µF, 10V, X5R OR X7R
COUT: RUBYCON 330V, 50µF PHOTOFLASH OUTPUT CAPACITOR (FW SERIES)
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
R1: PULL-UP RESISTOR NEEDED IF DONE PIN USED
T1: LTD565620ST-203, LPRI = 8.2µH, N = 10.2
3585 F12
COUT
PHOTOFLASH
CAPACITOR
C2
0.22
µF
C1
4.7
µF
R1
100k
VIN
2.5V TO 8V
DONE
CHARGE
VBAT
1.5V TO 8V
D1
T1
1:10.2
R2
20
Ω TO 160Ω
•
•
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com