Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 15 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 15 Page - Linear Technology

Back Button LCFX Datasheet HTML 11Page - Linear Technology LCFX Datasheet HTML 12Page - Linear Technology LCFX Datasheet HTML 13Page - Linear Technology LCFX Datasheet HTML 14Page - Linear Technology LCFX Datasheet HTML 15Page - Linear Technology LCFX Datasheet HTML 16Page - Linear Technology LCFX Datasheet HTML 17Page - Linear Technology LCFX Datasheet HTML 18Page - Linear Technology LCFX Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
15
3585f
APPLICATIO S I FOR ATIO
Board Layout
The high voltage operation of these parts demand care-
ful attention to board layout. You will not get advertised
performance with careless layout. Figure 10 shows the
recommended component placement. Keep the area for the
high voltage end of the secondary as small as possible. Also
note the larger than minimum spacing for all high voltage
nodes in order to meet breakdown voltage requirements for
the circuit board. It is imperative to keep the electrical path
formed by C1, the primary of T1, and the LT3585 series IC
as short as possible. If this path is haphazardly made long,
Figure 10. LT3585 Suggested Layout
it will effectively increase the leakage inductance of T1,
which may result in an overvoltage condition on the SW
pin. The CHRG/IADJ pin trace should be kept as short as
possible while minimizing the adjacent edge with the SW
pin trace. This will eliminate false toggling of the CHRG/IADJ
pin during sharp transitions on the SW pin. Thermal vias
should be added underneath the Exposed Pad, Pin 11, to
enhance the LT3585’s thermal performance. These vias
should go directly to a large area of ground plane. Acting
as a heat sink, the thermal vias/ground plane will lower
the device’s operating temperature.
1
2
3
4
5
10
9
8
7
6
11
THERMAL
VIAS
IGBTIN
VOUT
D1 (DUAL DIODE)
PHOTOFLASH
CAPACITOR
IGBTPWR
GND
VIN
VBAT
VBAT
C2
C1
3585 F10
T1
R2
R1
GND
DONE CHRG
TO GATE OF IGBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com