Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 9 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 9 Page - Linear Technology

Back Button LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology LCFX Datasheet HTML 10Page - Linear Technology LCFX Datasheet HTML 11Page - Linear Technology LCFX Datasheet HTML 12Page - Linear Technology LCFX Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
9
3585f
SI
PLIFIED BLOCK DIAGRA
–
+
–
+
1.25V
REFERENCE
VARIABLE
DELAY
SWITCH
LATCH
RESET
DOMINANT
S
DRIVER
20mV
RQ
VOUT
COMPARATOR
DCM
COMPARATOR
Q1
ENABLE
MASTER
LATCH
CHRG/IADJ
UVLO
UVLO
2.5V
MAX
VBAT
Q2
1.5V
MAX
CHIP
POWER
A5
A4
Q
Q
R
S
ONE SHOT
IGBT DRIVE
CIRCUITRY
R1
2.5k
R2
60k
VIN
VIN
TO BATTERY
C2
4
6
DONE
7
IGBTPWR
2
IGBTIN
1
Q3
5
SW
D1
VOUT
T1
•
•
+
–
+ –
A3
A2
Q1
RM
LT3585-3, RM = 12mΩ
LT3585-0, RM = 17mΩ
LT3585-2, RM = 24mΩ
LT3585-1, RM = 36mΩ
130mV
GND
3
IGBTPU
10
IGBTPD
3585 F01
9
8
C1
+
COUT
A1
Figure 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com