Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 14 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 14 Page - Linear Technology

Back Button LCFX Datasheet HTML 10Page - Linear Technology LCFX Datasheet HTML 11Page - Linear Technology LCFX Datasheet HTML 12Page - Linear Technology LCFX Datasheet HTML 13Page - Linear Technology LCFX Datasheet HTML 14Page - Linear Technology LCFX Datasheet HTML 15Page - Linear Technology LCFX Datasheet HTML 16Page - Linear Technology LCFX Datasheet HTML 17Page - Linear Technology LCFX Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
14
3585f
Table 4. Recommended IGBTs
PART
DRIVE VOLTAGE (V)
BREAKDOWN VOLTAGE (V)
COLLECTOR CURRENT
(PULSED) (A)
VENDOR
CY25CAH-8F*
CY25CAJ-8F*
CY25BAH-8F
CY25BAJ-8F
2.5
4
2.5
4
400
400
400
400
150
150
150
150
Renesas
(408) 382-7500
www.renesas.com
GT8G133
4
400
150
Toshiba Semiconductor
(949) 623-2900
www.semicon.toshiba.co.jp/eng
*Packaged in 8-lead VSON-8 pacakge.
APPLICATIO S I FOR ATIO
Figure 8. Complete Xenon Circuit
EMITTER
3585 F09
GATE
Figure 9. IGBT Gate
is 5V and IGBTIN is driven by a 5V signal. The typical
90% to 10% fall time is 125ns but varies with RPD given
by Figure 7. The IGBT driver pulls a peak of 50mA when
driving an IGBT with minimal quiescent current. In the
low state, an active pull-down network is used during the
initial transition but is deactivated after an internal time
constant. This allows the IGBT driver’s quiescent current
to drop to approximately 0.1µA during idle conditions.
The pull-down circuit will clamp the output below 0.8V for
currents not exceeding 10mA in its idle state. The pull-up
network is always active when the IGBTIN is greater than
1.5V. Table 4 is a list of recommended IGBT devices for
strobe applications. These devices are all packaged in
8-lead TSSOP packages unless otherwise noted.
A
C
+
DONE
CHRG/IADJ
VIN
IGBTPWR
IGBTIN
IGBTPU
IGBTPD
VBAT
SW
GND
LT3585-0
320V
DANGER HIGH VOLTAGE! OPERATION BY HIGH VOLTAGE TRAINED PERSONNEL ONLY
TO GATE OF IGBT
3585 F08
C2
50
mF
PHOTOFLASH
CAPACITOR
C3
0.22
mF
C1
4.7
mF
VIN
5V
VBAT
2 AA OR
1 TO 2 Li-Ion
D1
1
2
4
5
T1
1:10:2
RPD
20
W TO 160W
•
•
C4
2.2
mF
600V
R1
1M
FLASHLAMP
TRIGGER T
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com