Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 8 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 8 Page - Linear Technology

Back Button LCFX Datasheet HTML 4Page - Linear Technology LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology LCFX Datasheet HTML 10Page - Linear Technology LCFX Datasheet HTML 11Page - Linear Technology LCFX Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
8
3585f
PI FU CTIO S
IGBTIN (Pin 1): Logic Input for the IGBT Driver. When this
pin is driven higher than 1.5V, the output goes high. When
the pin is below 0.5V, the output will go low.
IGBTPWR (Pin 2): Supply Pin for the IGBT Driver. Must be
locally bypassed with a good quality ceramic capacitor. The
minimum operating voltage for the IGBT driver is 2.5V.
GND (Pin 3): Ground. Tie directly to local ground plane.
VIN (Pin 4): Input Supply Pin. Must be locally bypassed
with a good quality ceramic capacitor. The minimum
operating voltage for VIN is 2.5V.
VBAT (Pin 5): Battery Supply Pin. Must be locally bypassed
with a good quality ceramic capacitor. The minimum
operating voltage for VBAT is 1.5V.
DONE (Pin 6): Open NPN Collector Indication Pin. When
target output voltage is reached, NPN turns on. This pin
needs a proper pull-up resistor or current source.
CHRG/IADJ (Pin 7): Charge and Input Current Adjust Pin.
A low (< 0.3V) to high (>1.1V) transition on this pin puts
the part into power delivery mode. Once the target output
voltage is reached, the part will stop charging the output.
Toggle this pin to start charging again. Ground to shut
down. To enter into the input current reduction mode, the
voltage on this pin should be driven high ( >1.1V ) and
then floated. (For more information refer to the Operation
section of this data sheet.) To enter normal mode, the
voltage should be driven higher than 1.6V.
SW (Pin 8): Switch Pin. This is the collector of the internal
NPN Power switch. Minimize the metal trace area connected
to this pin to minimize EMI. Tie one side of the primary
of the transformer to this pin. The target output voltage
is set by the turns ratio of the transformer.
Choose turns ratio N by the following equation:
N
VOUT
=
+ 2
31 5
.
where VOUT is the desired output voltage.
IGBTPD (Pin 9): Pull-down Output for IGBT Gate. Connect
this pin to the IGBT Gate. Add a series resistor to increase
the turn-off time to protect the IGBT.
IGBTPU (Pin 10): Pull-up Output for IGBT Gate. Connect
this pin to the gate of the IGBT.
Exposed Pad (Pin 11): Ground. Tie directly to local ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com