Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 4 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 4 Page - Linear Technology

  LCFX Datasheet HTML 1Page - Linear Technology LCFX Datasheet HTML 2Page - Linear Technology LCFX Datasheet HTML 3Page - Linear Technology LCFX Datasheet HTML 4Page - Linear Technology LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
4
3585f
TYPICAL PERFOR A CE CHARACTERISTICS
LT3585-0 Charging Waveform
Normal Input Current Mode
LT3585-1 Charging Waveform
Normal Input Current Mode
LT3585-2 Charging Waveform
Normal Input Current Mode
LT3585-0 curves use Figure 11, LT3585-1 curves
use Figure 12, LT3585-2 curves use Figure 13 and LT3585-3 curves use Figure 14 unless otherwise noted.
VOUT
50V/DIV
0.5s/DIV
3585 G01
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
1A/DIV
VOUT
50V/DIV
2s/DIV
3585 G02
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
500mA/DIV
VOUT
50V/DIV
1s/DIV
3585 G03
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
1A/DIV
LT3585-3 Charging Waveform
Normal Input Current Mode
LT3585-0 Charging Waveform
Reduced Input Current Mode
LT3585-1 Charging Waveform
Reduced Input Current Mode
VOUT
50V/DIV
0.5s/DIV
3585 G04
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
1A/DIV
VOUT
50V/DIV
0.5s/DIV
3585 G05
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
1A/DIV
VOUT
50V/DIV
2s/DIV
3585 G06
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
500mA/DIV
LT3585-2 Charging Waveform
Reduced Input Current Mode
LT3585-3 Charging Waveform
Reduced Input Current Mode
Charge Time*
Normal Input Current Mode
VOUT
50V/DIV
1s/DIV
3585 G07
VBAT = 3.6V
COUT = 50mF
AVERAGE
INPUT
CURRENT
1A/DIV
VOUT
50V/DIV
0.5s/DIV
3585 G08
VBAT = 3.6V
COUT = 50µF
AVERAGE
INPUT
CURRENT
1A/DIV
VBAT (V)
2
4
6
10
3585 G09
2
0
4
6
*USING RUBYCON 330V, 50
µF PHOTOFLASH
OUTPUT CAPACITOR (FW SERIES)
8
3
5
7
9
8
3
5
1
7
LT3585-0
LT3585-1
LT3585-2
LT3585-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com