Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 5 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 5 Page - Linear Technology

  LCFX Datasheet HTML 1Page - Linear Technology LCFX Datasheet HTML 2Page - Linear Technology LCFX Datasheet HTML 3Page - Linear Technology LCFX Datasheet HTML 4Page - Linear Technology LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
5
3585f
TYPICAL PERFOR A CE CHARACTERISTICS LT3585-0 curves use Figure 11, LT3585-1 curves
use Figure 12, LT3585-2 curves use Figure 13 and LT3585-3 curves use Figure 14 unless otherwise noted.
Charge Time*
Reduced Input Current Mode
LT3585-0 Input Current
Normal Input Current Mode
LT3585-1 Input Current
Normal Input Current Mode
LT3585-2 Input Current
Normal Input Current Mode
LT3585-3 Input Current
Normal Input Current Mode
LT3585-0 Input Current
Reduced Input Current Mode
LT3585-1 Input Current
Reduced Input Current Mode
LT3585-2 Input Current
Reduced Input Current Mode
LT3585-3 Input Current
Reduced Input Current Mode
VBAT (V)
2
15
20
25
57
10
3585 G10
10
5
0
34
6
89
*USING RUBYCON 330V, 50
µF PHOTOFLASH
OUTPUT CAPACITOR (FW SERIES)
LT3585-0
LT3585-1
LT3585-2
LT3585-3
VOUT (V)
0
400
500
700
3585 G11
300
200
100
200
300
100
0
600
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
300
3585 G12
150
100
100
200
300
50
0
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
450
3585 G13
150
100
100
200
300
50
0
350
400
300
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
400
500
900
3585 G14
300
200
100
200
300
100
0
700
800
600
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
350
3585 G15
150
100
100
200
300
50
0
300
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
80
100
120
3585 G16
60
40
100
200
300
20
0
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
3585 G17
150
100
100
200
300
50
0
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V
VOUT (V)
0
200
250
500
450
3585 G18
150
100
100
200
300
50
0
350
400
300
VBAT = 4.2V
VBAT = 3.6V
VBAT = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com