Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LCFX Datasheet(PDF) 3 Page - Linear Technology

No. de pieza LCFX
Descripción Electrónicos  Photofl ash Chargers with Adjustable Input Current and IGBT Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LINER [Linear Technology]
Página de inicio  http://www.linear.com
Logo LINER - Linear Technology

LCFX Datasheet(HTML) 3 Page - Linear Technology

  LCFX Datasheet HTML 1Page - Linear Technology LCFX Datasheet HTML 2Page - Linear Technology LCFX Datasheet HTML 3Page - Linear Technology LCFX Datasheet HTML 4Page - Linear Technology LCFX Datasheet HTML 5Page - Linear Technology LCFX Datasheet HTML 6Page - Linear Technology LCFX Datasheet HTML 7Page - Linear Technology LCFX Datasheet HTML 8Page - Linear Technology LCFX Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT3585-0/LT3585-1
LT3585-2/LT3585-3
3
3585f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime. Ratings are for DC levels only.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VBAT = VCHRG = 3V unless otherwise noted (Note 2). Specifications
are for the LT3585-0, LT3585-1, LT3585-2, LT3585-3 unless otherwise noted.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CHRG/IADJ Three-State Voltage for Reduced Input
Current
CHRG/IADJ > 1.1V then Float
1.1
1.28
1.4
V
CHRG/IADJ Voltage Range for Normal Input Current
●
1.6
10
V
CHRG/IADJ Low Voltage
●
0.3
V
Delay Time for Reduced Input Current Mode
CHRG/IADJ Pin Three Stated:
VBAT = 4.2V, Fresh Li-Ion Cell
VBAT = 2.8V, Dead Li-Ion Cell
VBAT = 3V, Fresh 2 AA Cells
VBAT = 2V, Dead 2 AA Cells
5.2
7.2
6.8
9.5
µs
µs
µs
µs
Minimum CHRG/IADJ Pin Low Time
High
→Low→High
20
µs
DONE Output Signal High
100k
Ω from VIN to DONE
3
V
DONE Output Signal Low
33µA into DONE Pin
120
200
mV
DONE Leakage Current
VDONE = 3V, DONE NPN Off
1
100
nA
IGBTPWR Voltage Range
●
2.5
10
V
IGBT Input High Level
●
1.5
V
IGBT Input Low Level
●
0.5
V
IGBT Output Rise Time
IGBTPU Pin, COUT = 4000pF,
IGBTPWR = 5V, IGBTIN = 0V
→1.5V, 10%→90%
0.4
µs
IGBT Output Fall Time
IGBTPD Pin, COUT = 4000pF,
IGBTPWR = 5V, IGBTIN = 1.5V
→0V, 90%→10%
0.13
µs
Note 2: The LT3585 series is guaranteed to meet performance
specifications from 0°C to 85°C. Specifications over the – 40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Current limit is guaranteed by design and/or correlation to static
test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com