Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
32
3 This capacitance value is driven by the constraints of the external voltage regulator supplying the V
DD_BV voltage.
A typical value is in the range of 470 nF.
4 In case external ballast resistor is planned to be used, then to avoid a LVD reset during standby mode exit, the
following configuration need to be respected.
- for 8 ohm ballast resistor, decoupling cap of 33 µf is required.
- for 4 ohm ballast resistor, decoupling cap of 14.7µf is required.
These values are only after preliminary validation and are subject to change.
5 External regulator and capacitance circuitry must be capable of providing I
DD_BV while maintaining supply VDD_BV
in operating range.
6 In-rush current is seen only for short time during power-up and on standby exit (max 20µs, depending on external
capacitances to be load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com