Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
67
9tSUO
5
CC
D
Data valid
after SCK
edge
Master
(MTFE =
0)
—
—
32
ns
Slave
—
—
34
Master
(MTFE =
1)
——
32
10
tHO
5
CC
D
Data hold
time for
outputs
Master
(MTFE =
0)
2—
—
ns
Slave
5.5
—
—
Master
(MTFE =
1)
2—
—
1 Maximum is reached when CSn pad is configured as SLOW pad while SCK pad is configured as MEDIUM pad.
2 The t
CSC delay value is configurable through a register. When configuring tCSC (using PCSSCK and CSSCK fields
in DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
Δt
CSC to ensure
positive tCSCext.
3 The t
ASC delay value is configurable through a register. When configuring tASC (using PASC and ASC fields in
DSPI_CTARx registers), delay between internal CS and internal SCK must be higher than
Δt
ASC to ensure positive
tASCext.
4 This delay value corresponds to SMPL_PT = 00b which is bit field 9 and 8 of DSPI_MCR register.
5 SCK and SOUT configured as MEDIUM pad
Table 41. DSPI characteristics (continued)
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com