Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
58
| INL |
CC
T
Absolute
value for
integral
non-linear
ity
No overload
—
0.5
1.5
LSB
| DNL |
CC
T
Absolute
differential
non-linear
ity
No overload
—
0.5
1.0
LSB
| OFS |
CC
T
Absolute
offset
error
——
0.5
—
LSB
| GNE |
CC
T
Absolute
gain error
——
0.6
—
LSB
TUEP
CC
P
Total
unadjuste
d error7 for
precise
channels,
input only
pins
Without current
injection
−2
0.6
2
LSB
T
With current injection
−3
3
TUEX
CC
T
Total
unadjuste
d error7 for
extended
channel
Without current
injection
−3
1
3
LSB
T
With current injection
−4
4
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 Analog and digital V
SS must be common (to be tied together externally).
3 V
AINx may exceed VSS_ADC0 and VDD_ADC0 limits, remaining on absolute maximum ratings, but the results of the
conversion will be clamped respectively to 0x000 or 0x3FF.
4 Duty cycle is ensured by using system clock without prescaling. When ADCLKSEL = 0, the duty cycle is ensured
by internal divider by 2.
5 During the sample time the input capacitance C
S can be charged/discharged by the external source. The internal
resistance of the analog source must allow the capacitance to reach its final voltage level within tADC0_S. After the
end of the sample time tADC0_S, changes of the analog input voltage have no effect on the conversion result. Values
for the sample clock tADC0_S depend on programming.
6 This parameter does not include the sample time t
ADC0_S, but only the time for determining the digital result and the
time to load the result’s register with the conversion result.
7 Total Unadjusted Error: The maximum error that occurs without adjusting Offset and Gain errors. This error is a
combination of Offset, Gain and Integral Linearity errors.
Table 38. ADC conversion characteristics (continued)(10-bit ADC0)
Symbol
C
Paramete
r
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com