Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 38 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 38 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 42Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
38
ECC circuitry provides correction of single bit faults and is used to improve further automotive reliability results. Some units
will experience single bit corrections throughout the life of the product with no impact to product reliability.
3.10.2
Flash power supply DC characteristics
Table 25 shows the power supply DC characteristics on external supply.
Table 23. Flash module life
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
P/E
CC C Number of program/erase cycles per
block for 16 Kbyte blocks over the
operating temperature range (TJ)
—
100,000
—
cycles
P/E
CC C Number of program/erase cycles per
block for 32 Kbyte blocks over the
operating temperature range (TJ)
—
10,000
100,0001
1 To be confirmed
cycles
P/E
CC C Number of program/erase cycles per
block for 128 Kbyte blocks over the
operating temperature range (TJ)
—
1,000
100,0001 cycles
Retention CC C Minimum data retention at 85 °C
average ambient temperature2
2 Ambient temperature averaged over duration of application, not to exceed recommended product operating
temperature range.
Blocks with 0–1,000 P/E
cycles
20
—
years
Blocks with 10,000 P/E
cycles
10
—
years
Blocks with 100,000 P/E
cycles
5—
years
Table 24. Flash read access timing
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Max
Unit
fREAD
CC
P
Maximum
frequency for
Flash reading
2 wait states
64
MHz
C
1 wait state
40
C
0 wait states
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com