Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 86Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 87Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 88Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 89Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 90Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 91Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 92Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
Ordering information
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
89
5
Ordering information
Figure 42. Commercial product code structure
1 208 MAPBGA available only as development package for Nexus2+
Qualification Status
PowerPC Core
Automotive Platform
Core Version
Flash Size (core dependent)
Product
Optional fields
MPC
56
B
E
MLL
Example code:
07
Temperature spec.
Package Code
Qualification Status
M = MC status
S = Auto qualified
P = PC status
Automotive Platform
56 = PPC in 90nm
57 = PPC in 65nm
Flash Size (z0 core)
5 = 768 KB
6 = 1024 KB
7 = 1.5 MB
Product
B = Body
C = Gateway
R = Tape & Reel (blank if Tray)
R
Temperature spec.
C = –40° C to 85°C
V = –40° C to 105°C
M = –40° C to 125°C
Package Code
LL = 100 LQFP
LQ = 144 LQFP
LU= 176 LQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com