Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
52
In fact a current sink contributor is represented by the charge sharing effects with the sampling capacitance: CS being
substantially a switched capacitance, with a frequency equal to the conversion rate of the ADC, it can be seen as a resistive path
to ground. For instance, assuming a conversion rate of 1 MHz, with CS equal to 3 pF, a resistance of 330 kΩ is obtained (REQ
= 1 / (fc*CS), where fc represents the conversion rate at the considered channel). To minimize the error induced by the voltage
partitioning between this resistance (sampled voltage on CS) and the sum of RS + RF + RL + RSW + RAD, the external circuit
must be designed to respect the Equation 4:
Eqn. 4
Equation 4 generates a constraint for external network design, in particular on resistive path. Internal switch resistances (RSW
and RAD) can be neglected with respect to external resistances.
Figure 16. Input equivalent circuit (precise channels)
V
A
R
S
R
F
R
L
R
SW
R
AD
++
+
+
R
EQ
---------------------------------------------------------------------------
•
1
2
---LSB
<
RF
CF
RS
RL
RSW1
CP2
CS
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW1 Channel Selection Switch Impedance
RAD Sampling Switch Impedance
CP
Pin Capacitance (two contributions, CP1 and CP2)
CS
Sampling Capacitance
CP1
RAD
Channel
Selection
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com