Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Package characteristics
Freescale Semiconductor
78
Table 44. LQFP176 mechanical data1
1 Controlling dimension: millimeter
Symbol
mm
inches2
2 Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
A
1.400
1.600
0.063
A1
0.050
0.150
0.002
A2
1.350
1.450
0.053
0.057
b
0.170
0.270
0.007
0.011
C
0.090
0.200
0.004
0.008
D
23.900
24.100
0.941
0.949
E
23.900
24.100
0.941
0.949
e
0.500
0.020
HD
25.900
26.100
1.020
1.028
HE
25.900
26.100
1.020
1.028
L3
3 L dimension is measured at gauge plane at 0.25 mm above the seating plane
0.450
0.750
0.018
0.030
L1
1.000
0.039
ZD
1.250
0.049
ZE
1.250
0.049
q
0 °7 °
0 °7 °
Tolerance
mm
inches
ccc
0.080
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com