Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
17
3.5
Thermal characteristics
3.5.1
External ballast resistor recommendations
External ballast resistor on VDD_BV pin helps in reducing the overall power dissipation inside the device. This resistor is
required only when maximum power consumption exceeds the limit imposed by package thermal characteristics.
As stated in Table 10 LQFP thermal characteristics, considering thermal resistance of LQFP144 as 48.3 °C/W, at ambient TA =
125 °C, the junction temp Tj will cross 150 °C if total power dissipation > (150 - 125)/48.3 = 517 mW. Therefore, total device
current IDDMAX at 125 °C/5.5V must not exceed 94.1 mA (i.e. PD/VDD). Assuming an average IDD(VDD_HV) of 15-20 mA
consumption typically during device RUN mode, the LV domain consumption IDD(VDD_BV) is thus limited to IDDMAX -
IDD(VDD_HV) i.e. 80 mA.
Therefore, respecting the maximum power allowed as explained in Section 3.5.2, “Package thermal characteristics, it is
recommended to use this resistor only in the 125 °C/5.5V operating corner as per the following guidelines:
•If IDD(VDD_BV) < 80 mA, then no resistor is required.
•If 80 mA < IDD(VDD_BV) < 90 mA, then 4 Ohm resistor can be used along with 14.7 µf decoupling.
•If IDD(VDD_BV) > 90 mA, then 8 Ohm resistor can be used along with 33 µf decoupling.
Using resistance in the range of 4-8 Ohm, the gain will be around 10-20% of total consumption on VDD_BV. For example, if 8
Ohm resistor is used, then power consumption when IDD(VDD_BV) is 110 mA is equivalent to power consumption when
IDD(VDD_BV) is 90 mA (approximately) when resistor not used.
3.5.2
Package thermal characteristics
Table 10. LQFP thermal characteristics1
1 Thermal characteristics are targets based on simulation that are subject to change per device characterization.
Symbol
C
Parameter Conditions2
2 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C.
Pin count
Value3
3 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
RθJA
CC
D
Thermal
resistance,
junction-to-
ambient
natural
convection4
4 Junction-to-ambient thermal resistance determined per JEDEC JESD51-3 and JESD51-6. Thermal test board meets
JEDEC specification for this package. When Greek letters are not available, the symbols are typed as RthJA and RthJMA.
Single-layer
board—1s
100
—
—
64
°C/W
144
—
—
64
176
—
—
64
Four-layer
board—2s2p
100
—
—
49.7
144
—
—
48.3
176
—
—
47.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com