Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
47
Figure 14. Slow external crystal oscillator (32 kHz) electrical characteristics
Table 33. Slow external crystal oscillator (32 kHz) electrical characteristics
Symbol
C
Parameter
Conditions1
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
Value2
2 All values need to be confirmed during device validation.
Unit
Min
Typ
Max
fSXOSC
SR — Slow external crystal oscillator
frequency
—
32
32.768
40
kHz
gmSXOSC
CC — Slow external crystal oscillator
transconductance
VDD = 3.3 V ± 10%,
PAD3V5V = 1
TBD
mA/V
VDD = 5.0 V ± 10%
PAD3V5V = 0
TBD
VDD = 3.3 V ± 10%,
PAD3V5V = 1
TBD
VDD = 5.0 V ± 10%,
PAD3V5V = 0
TBD
VSXOSC
CC T Oscillation amplitude
—
—
2.1
—
V
ISXOSCBIAS CC T Oscillation bias current
—
TBD
µA
ISXOSC
CC T Slow external crystal oscillator
consumption
——
—
8
µA
TSXOSCSU CC T Slow external crystal oscillator
start-up time
——
—
23
3 Start-up time has been measured with EPSON TOYOCOM MC306 crystal. Variation may be seen with other crystal
s
OSCON bit (OSC_CTL register)
TLPXOSC32KSU
1
VOSC32K_XTAL
VLPXOSC32K
valid internal clock
90%
10%
1/fLPXOSC32K
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com