Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
36
IDDSTDBY1
CC
T
STANDBY
1 mode
current10
Slow
internal
RC
oscillator
(128 kHz)
running
TA =25 °
C
—20
60
µA
DTA =55 °
C
—TBD
—
DTA =85 °
C
——
DTA = 105 °
C
——
DTA = 125 °
C
—
280
TBD
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified
2 Running consumption is given on voltage regulator supply (V
DDREG). It does not include consumption linked to I/Os
toggling. This value is highly dependent on the application. The given value is thought to be a worst case value
with all peripherals running, and code fetched from code flash while modify operation on-going on data flash. It is to
be noticed that this value can be significantly reduced by application: switch-off not used peripherals (default),
reduce peripheral frequency through internal prescaler, fetch from RAM most used functions, use low power mode
when possible.
3 Higher current may be sinked by device during power-up and standby exit. please refer to in rush current on
Table 19.
4 RUN current measured with typical application with accesses on both flash and RAM.
5 Only for the “P” classification: Code fetched from RAM: Serial IPs CAN and LIN in loop back mode, DSPi as Master,
PLL as system Clock (4 x Multiplier) peripherals on (eMIOS/CTU/ADC) and running at max frequency, periodic
SW/WDG timer reset enabled.
6 Data Flash Power Down. Code Flash in Low Power. RC-osc128kHz & RC-OSC 16MHz on. 10MHz XTAL clock.
FlexCAN: instances: 0, 1, 2 ON (clocked but not reception or transmission), instances: 4, 5, 6 clock gated. LINFlex:
instances: 0, 1, 2 ON (clocked but not reception or transmission), instance: 3 clock gated. eMIOS: instance: 0 ON
(16 channels on PA[0]-PA[11] and PC[12]-PC[15]) with PWM 20KHz, instance: 1 clock gated. DSPI: instance: 0
(clocked but no communication). RTC/API ON.PIT ON. STM ON. ADC ON but not conversion except 2 analogue
watchdog
7 Only for the “P” classification: No clock, RC 16MHz off, RC128kHz on, PLL off, HPvreg off, ULPVreg/LPVreg on. All
possible peripherals off and clock gated. Flash in power down mode.
8 When going from RUN to STOP mode and the core consumption is > 6 mA , it is normal operation for the main
regulator module to be kept on by the on-chip current monitoring circuit. This is most likely to occur with junction
temperatures exceeding 125 °C and under these circumstances , it is possible for the current to initially exceed the
maximum STOP specification by up to 2 mA. After entering stop, the application junction temperature will reduce to
the ambient level and the main regulator will be automatically switched off when the load current is below 6 mA.
9 Only for the “P” classification: ULPreg on, HP/LPVreg off, 32 KB RAM on, device configured for minimum
consumption, all possible modules switched-off.
10 ULPreg on, HP/LPVreg off, 8KB RAM on, device configured for minimum consumption, all possible modules
switched-off.
Table 21. Low voltage power domain electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com