Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC5606CEVLLR Datasheet(PDF) 35 Page - Freescale Semiconductor, Inc

No. de pieza MPC5606CEVLLR
Descripción Electrónicos  Microcontroller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5606CEVLLR Datasheet(HTML) 35 Page - Freescale Semiconductor, Inc

Back Button MPC5606CEVLLR Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5606CEVLLR Datasheet HTML 39Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Electrical characteristics
MPC5607B Microcontroller Data Sheet, Rev. 3
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
35
3.9
Low voltage domain power consumption
Table 21 provides DC electrical characteristics for significant application modes. These values are indicative values; actual
consumption depends on the application.
2 All values need to be confirmed during device validation.
Table 21. Low voltage power domain electrical characteristics
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max
IDDMAX
2
CC
D
RUN mode
maximum
average
current
—
—
115
1403
mA
IDDRUN
4
CC
T
RUN mode
typical
average
current5
—
—
80
100
mA
P—
—
TBD
TBD
IDDHALT
CC
P
HALT
mode
current6
——
8
TBD
mA
IDDSTOP
CC
P
STOP
mode
current7
Slow
internal
RC
oscillator
(128 kHz)
running
TA =25 °
C
—
350
9008
µA
DTA =55 °
C
—
750
—
DTA =85 °
C
—2—
mA
DTA = 105 °
C
—4—
PTA = 125 °
C
—9
TBD8
IDDSTDBY2
CC
P
STANDBY
2 mode
current9
Slow
internal
RC
oscillator
(128 kHz)
running
TA =25 °
C
—
30
100
µA
DTA =55 °
C
—TBD
—
DTA =85 °
C
——
DTA = 105 °
C
——
PTA = 125 °
C
—TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com