| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0215 Datasheet(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 55 Page - STMicroelectronics |
|
55 / 91 page ![]() PM0215 The STM32 Cortex-M0 instruction set Doc ID 022979 Rev 1 55/91 3.5.6 MULS Multiply using 32-bit operands, and producing a 32-bit result. Syntax MULS Rd, Rn, Rm where: ● ‘Rd’ is the destination register ● ‘Rn, Rm’ are registers holding the values to be multiplied. Operation The MUL instruction multiplies the values in the registers specified by Rn and Rm, and places the least significant 32 bits of the result in Rd. The condition code flags are updated on the result of the operation, see Conditional execution on page 39. The results of this instruction does not depend on whether the operands are signed or unsigned. Restrictions In this instruction: ● Rd, Rn, and Rm must only specify R0-R7 ● Rd must be the same as Rm. Condition flags This instruction updates the N and Z flags according to the result. It does not affect the C or V flags. Examples MULS R0, R2, R0 ; Multiply with flag update, R0 = R0 x R2 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |