| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PM0215 Datasheet(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PM0215 Datasheet(HTML) 50 Page - STMicroelectronics |
|
50 / 91 page ![]() The STM32 Cortex-M0 instruction set PM0215 50/91 Doc ID 022979 Rev 1 Examples Multiword arithmetic examples Specific example: 64-bit addition shows two instructions that add a 64-bit integer contained in R0 and R1 to another 64-bit integer contained in R2 and R3, and place the result in R0 and R1. Specific example: 64-bit addition ADDS R0, R0, R2 ; add the least significant words ADCS R1, R1, R3 ; add the most significant words with carry Multiword values do not have to use consecutive registers. Specific example: 96-bit subtraction shows instructions that subtract a 96-bit integer contained in R1, R2, and R3 from another contained in R4, R5, and R6. The example stores the result in R4, R5, and R6. Specific example: 96-bit subtraction SUBS R4, R4, R1 ; subtract the least significant words SBCS R5, R5, R2 ; subtract the middle words with carry SBCS R6, R6, R3 ; subtract the most significant words with carry Specific example: Arithmetic negation shows the RSBS instruction used to perform a 1's complement of a single register. Specific example: Arithmetic negation RSBS R7, R7, #0 ; subtract R7 from zero Table 20. ADCS, ADD, RSBS, SBCS and SUB operand restrictions Instructi on Rd Rn Rm imm Restrictions ADCS R0-R7 R0-R7 R0-R7 - Rd and Rn must specify the same register. ADD R0-R15 R0-R15 R0-PC - Rd and Rn must specify the same register. Rn and Rm must not both specify PC. R0-R7 SP or PC - 0-1020 Immediate value must be an integer multiple of four. SP SP - 0-508 Immediate value must be an integer multiple of four. ADDS R0-R7 R0-R7 - 0-7 - R0-R7 R0-R7 - 0-255 Rd and Rn must specify the same register. R0-R7 R0-R7 R0-R7 - - RSBS R0-R7 R0-R7 - - - SBCS R0-R7 R0-R7 R0-R7 - Rd and Rn must specify the same register. SUB SP SP - 0-508 Immediate value must be an integer multiple of four. SUBS R0-R7 R0-R7 - 0-7 - R0-R7 R0-R7 - 0-255 Rd and Rn must specify the same register. R0-R7 R0-R7 R0-R7 - - |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |